Part Number Hot Search : 
ISPLSI IRF822 UPC741 2N491 CZRF22VB 431FP 2SA103 5225B
Product Description
Full Text Search
 

To Download BU941Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BU941Z/BU941ZP BU941ZPFI
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
s s s
s
VERY RUGGED BIPOLAR TECHNOLOGY BUILT IN CLAMPING ZENER HIGH OPERATING JUNCTION TEMPERATURE WIDE RANGE OF PACKAGES
TO-3
APPLICATIONS s HIGH RUGGEDNESS ELECTRONIC IGNITIONS
1 2
3 2
3 2
TO-218
1
ISOWATT218
1
INTERNAL SCHEMATIC DIAGRAM
for TO-3 Emitter: pin 2 Base: pin1 Collector: tab
ABSOLUTE MAXIMUM RATINGS
Symbol V CEO V EBO IC I CM IB I BM P t ot T stg Tj Parameter BU941Z Collector-Emitter Voltage (IB = 0) Emitter-Base Voltage (IC = 0) Collector Current Collector Peak Current Base Current Base Peak Current Total Dissipation at Tc = 25 C Storage T emperature Max. O perating Junction Temperature
o
Value BU941Z P 350 5 15 30 1 5 180 -65 to 200 200 155 -65 to 175 175 65 -65 to 175 175 BUB941ZPFI
Uni t V V A A A A W
o o
C C
January 2000
1/8
BU941Z/BU941ZP/BU941ZPFI
THERMAL DATA
TO-3 R t hj-ca se Thermal Resistance Junct ion-case Max 0.97 TO-218 0.97 ISOW AT T218 2.3
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symb ol I CEO I EBO V CL V CE(sat ) Parameter Collector Cut-off Current (I B = 0) Emitter Cut-off Current (I C = 0) Clamping Voltage Collector-Emitter Saturation Voltage Base-Emitt er Saturation Voltage DC Current Gain Test Cond ition s V CE = 300 V V CE = 300 V V EB = 5 V I C = 100 mA IC = 8 A I C = 10 A I C = 12 A IC = 8 A I C = 10 A I C = 12 A IC = 5 A IB = 100 mA IB = 250 mA IB = 300 mA IB = 100 mA IB = 250 mA IB = 300 mA V CE = 10 V 300 2.5 L= 7 mH 10 V A 350 T j = 125 C
o
Min.
Typ .
Max. 100 0.5 20 500 1.8 1.8 2 2.2 2.5 2.7
Un it A mA mA V V V V V V V
V BE(s at)
h F E VF
Diode F orward Voltage I F = 10 A Functional T est (see fig. 1) V CC = 24 V
ts tf
INDUCTIVE LO AD Storage Time Fall Time (see fig. 3)
V CC = 12 V L= 7 mH R BE = 47 V BE = 0 V c la mp = 300 V IC = 7 A I B = 70 mA
15 0.5
s s
Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
Safe Operating Area
DC Current Gain
2/8
BU941Z/BU941ZP/BU941ZPFI
DC Current Gain Collector-emitter Saturation Voltage
Collector-emitter Saturation Voltage
Base-emitter Saturation Voltage
Base-emitter Saturation Voltage
Collector-emitter Saturation Voltage
3/8
BU941Z/BU941ZP/BU941ZPFI
FIGURE 1: Functional Test Circuit FIGURE 2: Functional Test Waveforms
FIGURE 3: Switching Time Test Circuit
4/8
BU941Z/BU941ZP/BU941ZPFI
TO-3 MECHANICAL DATA
mm MIN. A B C D E G N P R U V 11.00 0.97 1.50 8.32 19.00 10.70 16.50 25.00 4.00 38.50 30.00 TYP. MAX. 13.10 1.15 1.65 8.92 20.00 11.10 17.20 26.00 4.09 39.30 30.30 MIN. 0.433 0.038 0.059 0.327 0.748 0.421 0.649 0.984 0.157 1.515 1.187 inch TYP. MAX. 0.516 0.045 0.065 0.351 0.787 0.437 0.677 1.023 0.161 1.547 1.193
DIM.
P G
A
D
C
U
V
N
O
R
B
P003F
E
5/8
BU941Z/BU941ZP/BU941ZPFI
TO-218 (SOT-93) MECHANICAL DATA
mm MIN. A C D E F G H L2 L3 L5 L6 R O - 4 3.95 31 12.2 4.1 - 0.157 0.5 1.1 10.8 14.7 - 18 4.15 0.155 1.220 0.480 0.161 4.7 1.17 2.5 0.78 1.3 11.1 15.2 16.2 0.019 0.043 0.425 0.578 - 0.708 0.163 TYP. MAX. 4.9 1.37 MIN. 0.185 0.046 0.098 0.030 0.051 0.437 0.598 0.637 inch TYP. MAX. 0.193 0.054
DIM.
A
C
L5 L3 L2
L6
D
E H F R 1 2 3
P025A
6/8
G
BU941Z/BU941ZP/BU941ZPFI
ISOWATT218 MECHANICAL DATA
DIM. A C D D1 E F F2 F3 G H L L1 L2 L3 L4 L5 L6 N R DIA mm TYP. inch TYP.
MIN. 5.35 3.30 2.90 1.88 0.75 1.05 1.50 1.90 10.80 15.80 20.80 19.10 22.80 40.50 4.85 20.25 2.1
MAX. 5.65 3.80 3.10 2.08 0.95 1.25 1.70 2.10 11.20 16.20 21.20 19.90 23.60 42.50 5.25 20.75 2.3
MIN. 0.211 0.130 0.114 0.074 0.030 0.041 0.059 0.075 0.425 0.622 0.819 0.752 0.898 1.594 0.191 0.797 0.083
MAX. 0.222 0.150 0.122 0.082 0.037 0.049 0.067 0.083 0.441 0.638 0.835 0.783 0.929 1.673 0.207 0.817 0.091
9
0.354
4.6 3.5 3.7 0.138
0.181 0.146
- Weight : 4.9 g (typ.) - Maximum Torque (applied to mounting flange) Recommended 0.8 Nm; Maximum: 1 Nm : - The side of the dissipator must be flat within 80 m
P025C/A
7/8
BU941Z/BU941ZP/BU941ZPFI
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2000 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of BU941Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X